データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MCP9903T-2E/RW データシート(PDF) 18 Page - Microchip Technology

部品番号 MCP9903T-2E/RW
部品情報  Multi-Channel Low-Temperature Remote Diode Sensor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9903T-2E/RW データシート(HTML) 18 Page - Microchip Technology

Back Button MCP9903T-2E/RW Datasheet HTML 14Page - Microchip Technology MCP9903T-2E/RW Datasheet HTML 15Page - Microchip Technology MCP9903T-2E/RW Datasheet HTML 16Page - Microchip Technology MCP9903T-2E/RW Datasheet HTML 17Page - Microchip Technology MCP9903T-2E/RW Datasheet HTML 18Page - Microchip Technology MCP9903T-2E/RW Datasheet HTML 19Page - Microchip Technology MCP9903T-2E/RW Datasheet HTML 20Page - Microchip Technology MCP9903T-2E/RW Datasheet HTML 21Page - Microchip Technology MCP9903T-2E/RW Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 50 page
background image
MCP9902/3/4
DS20005382C-page 18
 2015-2016 Microchip Technology Inc.
5.5
Alert Response Address
The ALERT/THERM2 output can be used as a
processor interrupt or as an SMBus Alert.
When it detects that the ALERT/THERM2 pin is
asserted, the host will send the Alert Response
Address (ARA) to the general address of 0001_100xb.
All devices with active interrupts will respond with their
client address as shown in Table 5-6.
The MCP9902/3/4 will respond to the ARA in the
following way:
• Send Slave Address and verify that full slave
address was sent (i.e. the SMBus communication
from the device was not prematurely stopped due
to a bus contention event).
• Set the MASK_ALL bit to clear the
ALERT/THERM2 pin.
The ARA does not clear the Status Register and if the
MASK_ALL bit is cleared prior to the Status Register
being cleared, the ALERT/THERM2 pin will be
reasserted.
TABLE 5-6:
ALERT RESPONSE ADDRESS PROTOCOL
START
ALERT Response Address
RD
ACK
Device Address
NACK
STOP
1 → 0
0001_100
1
0
YYYY_YYY
1
0 → 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50