データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AS3412 データシート(PDF) 70 Page - ams AG

部品番号 AS3412
部品情報  The AS3412 is a speaker driver with Ambient Noise Cancelling
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMSCO [ams AG]
ホームページ  http://www.ams.com
Logo AMSCO - ams AG

AS3412 データシート(HTML) 70 Page - ams AG

Back Button AS3412 Datasheet HTML 66Page - ams AG AS3412 Datasheet HTML 67Page - ams AG AS3412 Datasheet HTML 68Page - ams AG AS3412 Datasheet HTML 69Page - ams AG AS3412 Datasheet HTML 70Page - ams AG AS3412 Datasheet HTML 71Page - ams AG AS3412 Datasheet HTML 72Page - ams AG AS3412 Datasheet HTML 73Page - ams AG AS3412 Datasheet HTML 74Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 84 page
background image
Page 70
ams Datasheet
Document Feedback
[v1-00] 2016-Apr-06
AS3412 − Register Description
Figure 87:
CONFIG_1 Register Description
Name
Address
Default Value
CONFIG_1
0x3E
0x00
This bit controls the OTP programming clock source.
Bit
Bit Name
Default
Access
Bit Description
3EXTBURNCL
0
R/W
This register controls the clock source for OTP
programming. Typically the internal clock is being
used for OTP programming.
0: External burn clock disabled
1: External burn clock enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84