データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AS3412 データシート(PDF) 50 Page - ams AG

部品番号 AS3412
部品情報  The AS3412 is a speaker driver with Ambient Noise Cancelling
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMSCO [ams AG]
ホームページ  http://www.ams.com
Logo AMSCO - ams AG

AS3412 データシート(HTML) 50 Page - ams AG

Back Button AS3412 Datasheet HTML 46Page - ams AG AS3412 Datasheet HTML 47Page - ams AG AS3412 Datasheet HTML 48Page - ams AG AS3412 Datasheet HTML 49Page - ams AG AS3412 Datasheet HTML 50Page - ams AG AS3412 Datasheet HTML 51Page - ams AG AS3412 Datasheet HTML 52Page - ams AG AS3412 Datasheet HTML 53Page - ams AG AS3412 Datasheet HTML 54Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 84 page
background image
Page 50
ams Datasheet
Document Feedback
[v1-00] 2016-Apr-06
AS3412 − Detailed Description
To keep the access time as short as possible, this format allows
a read access without the word address transfer in advance to
the data transfer. The bus is idle and the master issues a START
condition followed by the Device-Read address. Analogous to
Random Read, a single byte transfer is terminated with a
not-acknowledge after the 1st register byte. Analogous to
Sequential Read an unlimited number of data bytes can be
transferred, where the data bytes have to be responded with an
acknowledge from the master. For termination of the
transmission, the master sends a not-acknowledge following
the last data byte and a subsequent STOP condition.
Parameter
Figure 67:
I²C Serial Timing
I²C Serial Timing: This figure shows the I²C timing diagram.
8
1-7
ANC/CSDA
MODE/CSCL
8
9
8
1-7
8
9
8
1-7
8
9
Start
Condition
Address
R/W
ACK
Data
ACK
Data
ACK
Stop
Condition
TS
T SU
TH
TL
T HD
T PD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84