データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AS3412 データシート(PDF) 46 Page - ams AG

部品番号 AS3412
部品情報  The AS3412 is a speaker driver with Ambient Noise Cancelling
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMSCO [ams AG]
ホームページ  http://www.ams.com
Logo AMSCO - ams AG

AS3412 データシート(HTML) 46 Page - ams AG

Back Button AS3412 Datasheet HTML 42Page - ams AG AS3412 Datasheet HTML 43Page - ams AG AS3412 Datasheet HTML 44Page - ams AG AS3412 Datasheet HTML 45Page - ams AG AS3412 Datasheet HTML 46Page - ams AG AS3412 Datasheet HTML 47Page - ams AG AS3412 Datasheet HTML 48Page - ams AG AS3412 Datasheet HTML 49Page - ams AG AS3412 Datasheet HTML 50Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 84 page
background image
Page 46
ams Datasheet
Document Feedback
[v1-00] 2016-Apr-06
AS3412 − Detailed Description
Figure 59:
Production Trim Box
Production Trim Box: This block diagram shows the connection of the Trim Box enabling the audio inputs to
become a trim input for mass production.
With this new system, there is no need for mechanical
potentiometers any more. Up to now, operators in production
use screw drivers to fine tune the ANC performance of each
headset. The disadvantage of this is reliability and cost of
potentiometers. Additionally, operators are not always precise
in their work, thus yielding inconsistent results. With the new
production trimming system from ams there are no mechanical
potentiometers required. The operator connects a 3.5mm audio
jack to a trimming box and this box enables the audio input of
the headset to become the ANC tuning input. This new feature
also helps industrial designers of headset because there are no
more considerations concerning leakage holes for the old
mechanical trimming. Thus, the headset can be fully assembled
and ready for the ANC test system at the end of the
manufacturing process. The trim box can be easily controlled
with an RS232 interface so it is also possible to create fully
automated trimming systems. For further details please contact
our local sales office; they can provide you with source code
examples and application notes.
LINR
TRSCL/BPR
MUTE
MUTE
TRSDA/BPL
3 x
PROM
to HPH
to HPH
Application Trim Box
AS3412
LINL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84