データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST92185B2 データシート(PDF) 31 Page - STMicroelectronics

部品番号 ST92185B2
部品情報  16K/24K/32K ROM HCMOS MCU WITH ON-SCREEN-DISPLAY
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92185B2 データシート(HTML) 31 Page - STMicroelectronics

Back Button ST92185B2 Datasheet HTML 27Page - STMicroelectronics ST92185B2 Datasheet HTML 28Page - STMicroelectronics ST92185B2 Datasheet HTML 29Page - STMicroelectronics ST92185B2 Datasheet HTML 30Page - STMicroelectronics ST92185B2 Datasheet HTML 31Page - STMicroelectronics ST92185B2 Datasheet HTML 32Page - STMicroelectronics ST92185B2 Datasheet HTML 33Page - STMicroelectronics ST92185B2 Datasheet HTML 34Page - STMicroelectronics ST92185B2 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 178 page
background image
31/178
ST92185B - DEVICE ARCHITECTURE
Bits 4:2 = PRS[2:0]:
CPUCLK Prescaler.
These bits load the prescaler division factor for the
internal clock (INTCLK). The prescaler factor se-
lects the internal clock frequency, which can be di-
vided by a factor from 1 to 8. Refer to the Reset
and Clock Control chapter for further information.
Bit 1 = BRQEN:
Bus Request Enable.
0: External Memory Bus Request disabled
1: External Memory Bus Request enabled on
BREQ pin (where available).
Note: Disregard this bit if BREQ pin is not availa-
ble.
Bit 0 = HIMP:
High Impedance Enable.
When any of Ports 0, 1, 2 or 6 depending on de-
vice configuration, are programmed as Address
and Data lines to interface external Memory, these
lines and the Memory interface control lines (AS,
DS, R/W) can be forced into the High Impedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More