データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST92185B2 データシート(PDF) 34 Page - STMicroelectronics

部品番号 ST92185B2
部品情報  16K/24K/32K ROM HCMOS MCU WITH ON-SCREEN-DISPLAY
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92185B2 データシート(HTML) 34 Page - STMicroelectronics

Back Button ST92185B2 Datasheet HTML 30Page - STMicroelectronics ST92185B2 Datasheet HTML 31Page - STMicroelectronics ST92185B2 Datasheet HTML 32Page - STMicroelectronics ST92185B2 Datasheet HTML 33Page - STMicroelectronics ST92185B2 Datasheet HTML 34Page - STMicroelectronics ST92185B2 Datasheet HTML 35Page - STMicroelectronics ST92185B2 Datasheet HTML 36Page - STMicroelectronics ST92185B2 Datasheet HTML 37Page - STMicroelectronics ST92185B2 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 178 page
background image
34/178
ST92185B - DEVICE ARCHITECTURE
2.4 MEMORY ORGANIZATION
Code and data are accessed within the same line-
ar address space. All of the physically separate
memory areas, including the internal ROM, inter-
nal RAM and external memory are mapped in a
common address space.
The ST9 provides a total addressable memory
space of 4 Mbytes. This address space is ar-
ranged as 64 segments of 64 Kbytes; each seg-
ment is again subdivided into four 16 Kbyte pages.
The mapping of the various memory areas (inter-
nal RAM or ROM, external memory) differs from
device to device. Each 64-Kbyte physical memory
segment is mapped either internally or externally;
if the memory is internal and smaller than 64
Kbytes, the remaining locations in the 64-Kbyte
segment are not used (reserved).
Refer to the Register and Memory Map Chapter
for more details on the memory map.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More