| データシートサーチシステム |
|
ST92185B2 データシート(PDF) 47 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST92185B2 データシート(HTML) 47 Page - STMicroelectronics |
|
47 / 178 page ![]() 47/178 ST92185B - INTERRUPTS ARBITRATION MODES (Cont’d) 3.5.2 Nested Mode The difference between Nested mode and Con- current mode, lies in the modification of the Cur- rent Priority Level (CPL) during interrupt process- ing. The arbitration phase is basically identical to Con- current mode, however, once the request is ac- knowledged, the CPL is saved in the Nested Inter- rupt Control Register (NICR) by setting the NICR bit corresponding to the CPL value (i.e. if the CPL is 3, the bit 3 will be set). The CPL is then loaded with the priority of the re- quest just acknowledged; the next arbitration cycle is thus performed with reference to the priority of the interrupt service routine currently being exe- cuted. Start of Interrupt Routine The interrupt cycle performs the following steps: – All maskable interrupt requests are disabled by clearing CICR.IEN. – CPL is saved in the special NICR stack to hold the priority level of the suspended routine. – Priority level of the acknowledged routine is stored in CPL, so that the next request priority will be compared with the one of the routine cur- rently being serviced. – The PC low byte is pushed onto system stack. – The PC high byte is pushed onto system stack. – If ENCSR is set, CSR is pushed onto system stack. – The Flag register is pushed onto system stack. – The PC is loaded with the 16-bit vector stored in the Vector Table, pointed to by the IVR. – If ENCSR is set, CSR is loaded with ISR con- tents; otherwise ISR is used in place of CSR until iret instruction. Figure 24. Simple Example of a Sequence of Interrupt Requests with: - Nested mode - IEN unchanged by the interrupt routines 6 5 4 3 2 1 0 7 MAIN INT 2 INT0 INT4 INT3 INT2 CPL is set to 7 CPL=2 CPL=7 ei INTERRUPT 2 HAS PRIORITY LEVEL 2 INTERRUPT 3 HAS PRIORITY LEVEL 3 INTERRUPT 4 HAS PRIORITY LEVEL 4 INTERRUPT 5 HAS PRIORITY LEVEL 5 MAIN INT 3 CPL=3 INT 6 CPL=6 INT5 INT 0 CPL=0 INT6 INT2 INTERRUPT 6 HAS PRIORITY LEVEL 6 INTERRUPT 0 HAS PRIORITY LEVEL 0 CPL6 > CPL3: INT6 pending CPL2 < CPL4: Serviced next INT 2 CPL=2 INT 4 CPL=4 INT 5 CPL=5 Priority Level of Interrupt Request |