データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST7MC2S4T6 データシート(PDF) 291 Page - STMicroelectronics

部品番号 ST7MC2S4T6
部品情報  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC2S4T6 データシート(HTML) 291 Page - STMicroelectronics

Back Button ST7MC2S4T6 Datasheet HTML 287Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 288Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 289Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 290Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 291Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 292Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 293Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 294Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 295Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 291 / 308 page
background image
ST7MC1/ST7MC2
291/308
ST7MC DEVICE CONFIGURATION AND ORDERING INFORMATION (Cont’d)
OPTION BYTE 1
OPT7:5= PKG[2:0] package selection
These option bits are used to select the device
package.
OPT4:2= Reserved
OPT1:0 = MCO Motor Control Output Options
MCO port under reset.
Selected Package
PKG2
PKG1
PKG0
LQFP32 / SDIP32
0
0
0
LQFP44
0
0
1
SDIP 56
010
LQFP64
0
1
1
LQFP80
1
x
x
Motor Control Output
bit 1
bit 0
HiZ
0
0
Low
0
1
High
1
0
HiZ
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More