データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

RN4870 データシート(PDF) 12 Page - Microchip Technology

部品番号 RN4870
部品情報  Bluetooth 4.2 Low Energy Module
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN4870 データシート(HTML) 12 Page - Microchip Technology

Back Button RN4870 Datasheet HTML 8Page - Microchip Technology RN4870 Datasheet HTML 9Page - Microchip Technology RN4870 Datasheet HTML 10Page - Microchip Technology RN4870 Datasheet HTML 11Page - Microchip Technology RN4870 Datasheet HTML 12Page - Microchip Technology RN4870 Datasheet HTML 13Page - Microchip Technology RN4870 Datasheet HTML 14Page - Microchip Technology RN4870 Datasheet HTML 15Page - Microchip Technology RN4870 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 48 page
background image
RN4870/71
DS50002489A-page 12
 2016 Microchip Technology Inc.
FIGURE 3-2:
RN4870/71 COIN CELL POWER SCHEME
The Configuration pins on the RN4870 can also be
configured through Windows®-based User Interface
(UI) Configuration tool, BLEDK3.
RN4870/71
Note 1: Application includes ADC, PWM (RN4870), and
I2C bus interface
2: BK_IN connection is needed only for RN4871U.
3: To implement low-power operation, enable the
UART_RX_IND pin and connect to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48