データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

RN4870 データシート(PDF) 17 Page - Microchip Technology

部品番号 RN4870
部品情報  Bluetooth 4.2 Low Energy Module
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN4870 データシート(HTML) 17 Page - Microchip Technology

Back Button RN4870 Datasheet HTML 13Page - Microchip Technology RN4870 Datasheet HTML 14Page - Microchip Technology RN4870 Datasheet HTML 15Page - Microchip Technology RN4870 Datasheet HTML 16Page - Microchip Technology RN4870 Datasheet HTML 17Page - Microchip Technology RN4870 Datasheet HTML 18Page - Microchip Technology RN4870 Datasheet HTML 19Page - Microchip Technology RN4870 Datasheet HTML 20Page - Microchip Technology RN4870 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 48 page
background image
 2016 Microchip Technology Inc.
DS50002489A-page 17
RN4870/71
4.3
RN4871 Module
Figure 4-7 shows the physical dimensions of the
RN4871 module. Figure 4-8 illustrates the recom-
mended PCB layout, and Figure 4-9 shows the recom-
mended mounting details.
Ensure that there is no top copper layer near the test
pin area, indicated by the shaded keep out areas, as
shown in Figure 4-8. When laying out the host PCB, the
areas under the antenna must not contain any top,
inner layer, or bottom copper as shown in Figure 4-9. A
low-impedance ground plane ensures the best radio
performance (best range; lowest noise). Figure 4-9
also shows a space area around antenna section for
best antenna performance. The ground plane can be
extended beyond the minimum recommended as
required for host PCB EMC noise reduction. For best
range performance, keep all external metal at least
30 mm away from the ceramic chip antenna.
FIGURE 4-7:
RN4871 MODULE DIMENSIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48