| データシートサーチシステム |
|
RN4870 データシート(PDF) 19 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
RN4870 データシート(HTML) 19 Page - Microchip Technology |
|
19 / 48 page ![]() 2016 Microchip Technology Inc. DS50002489A-page 19 RN4870/71 4.4 RN4871U Module Figure 4-10 shows the physical dimensions of the RN4871U module. Figure 4-11 illustrates the recom- mended PCB layout. It is highly recommended to layout the host PCB as suggested in Figure 4-12. Figure 4-13 shows the recommended placement for the module on the host PCB board. For optimal transmission and reception sensitivity, place the module at the edge of the board. A low-impedance ground plane ensures the best radio performance (best range; lowest noise). Pin 1 (BT_RF) is a 50 ohm connection that can be connected to an external antenna such as a PCB trace antenna, a component (chip) antenna, or through a host PCB 50 ohm micro-strip trace. This trace can be extended to include passive parts for antenna attenuation padding, impedance matching, or to provide test posts. It is recommended that the micro-strip trace to be as short as possible for minimum loss and best impedance matching. If the micro-strip trace is longer, a 50 ohm impedance is recommended. FIGURE 4-10: RN4871U MODULE DIMENSIONS Top View Bottom View Side View |