データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

OMAP3530ECUS データシート(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
部品番号 OMAP3530ECUS
部品情報  OMAP3530 and OMAP3525 Applications Processors
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECUS データシート(HTML) 31 Page - Texas Instruments

Back Button OMAP3530ECUS Datasheet HTML 27Page - Texas Instruments OMAP3530ECUS Datasheet HTML 28Page - Texas Instruments OMAP3530ECUS Datasheet HTML 29Page - Texas Instruments OMAP3530ECUS Datasheet HTML 30Page - Texas Instruments OMAP3530ECUS Datasheet HTML 31Page - Texas Instruments OMAP3530ECUS Datasheet HTML 32Page - Texas Instruments OMAP3530ECUS Datasheet HTML 33Page - Texas Instruments OMAP3530ECUS Datasheet HTML 34Page - Texas Instruments OMAP3530ECUS Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 265 page
background image
OMAP3530, OMAP3525
www.ti.com
SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013
Table 2-1. Ball Characteristics (CBB Pkg.)(1) (continued)
BALL
BALL TOP
PIN NAME
MODE [4]
TYPE [5]
BALL
BALL
RESET REL. POWER [9]
HYS [10]
BUFFER
PULLUP
IO CELL [13]
BOTTOM [1] [2]
[3]
RESET
RESET REL. MODE [8]
STRENG TH /DOWN
STATE [6]
STATE [7]
(mA) [11]
TYPE [12]
mcbsp4_dr
2
I
gpt10_pwm_ 3
IO
evt
gpio_56
4
IO
safe_mode
7
P8
NA
gpmc_ncs6
0
O
H
H
7
vdds_ mem
Yes
4
PU/ PD
LVCMOS
sys_
1
I
ndmareq3
mcbsp4_dx
2
IO
gpt11_pwm_ 3
IO
evt
gpio_57
4
IO
safe_mode
7
N8
NA
gpmc_ncs7
0
O
H
H
7
vdds_ mem
Yes
4
PU/ PD
LVCMOS
gpmc_io_dir
1
O
mcbsp4_fsx
2
IO
gpt8_pwm_e 3
IO
vt
gpio_58
4
IO
safe_mode
7
T4
W2
gpmc_clk
0
O
L
0
0
vdds_ mem
Yes
4
PU/ PD
LVCMOS
gpio_59
4
IO
safe_mode
7
F3
W1
gpmc_nadv_ 0
O
0
0
0
vdds_ mem
No
4
NA
LVCMOS
ale
G2
V2
gpmc_noe
0
O
1
1
0
vdds_ mem
No
4
NA
LVCMOS
F4
V1
gpmc_nwe
0
O
1
1
0
vdds_ mem
No
4
NA
LVCMOS
G3
AC12
gpmc_nbe0_ 0
O
L
0
0
vdds_ mem
Yes
4
PU/ PD
LVCMOS
cle
gpio_60
4
IO
safe_mode
7
U3
NA
gpmc_nbe1
0
O
L
L
7
vdds_ mem
Yes
4
PU/ PD
LVCMOS
gpio_61
4
IO
safe_mode
7
H1
AB10
gpmc_nwp
0
O
L
0
0
vdds_ mem
Yes
4
PU/ PD
LVCMOS
gpio_62
4
IO
safe_mode
7
M8
AB12
gpmc_wait0
0
I
H
H
0
vdds_ mem
Yes
NA
PU/ PD
LVCMOS
L8
AC10
gpmc_wait1
0
I
H
H
7
vdds_ mem
Yes
4
PU/ PD
LVCMOS
gpio_63
4
IO
safe_mode
7
K8
NA
gpmc_wait2
0
I
H
H
7
vdds_ mem
Yes
4
PU/ PD
LVCMOS
gpio_64
4
IO
safe_mode
7
J8
NA
gpmc_wait3
0
I
H
H
7
vdds_ mem
Yes
4
PU/ PD
LVCMOS
sys_
1
I
ndmareq1
gpio_65
4
IO
safe_mode
7
D28
NA
dss_pclk
0
O
H
H
7
vdds
Yes
8
PU/ PD
LVCMOS
gpio_66
4
IO
safe_mode
7
D26
NA
dss_hsync
0
O
H
H
7
vdds
Yes
8
PU/ PD
LVCMOS
gpio_67
4
IO
safe_mode
7
D27
NA
dss_vsync
0
O
H
H
7
vdds
Yes
8
PU/ PD
LVCMOS
gpio_68
4
IO
Copyright © 2008–2013, Texas Instruments Incorporated
TERMINAL DESCRIPTION
31
Submit Documentation Feedback
Product Folder Links: OMAP3530 OMAP3525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More