データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

OMAP3530ECUS データシート(PDF) 82 Page - Texas Instruments

Click here to check the latest version.
部品番号 OMAP3530ECUS
部品情報  OMAP3530 and OMAP3525 Applications Processors
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECUS データシート(HTML) 82 Page - Texas Instruments

Back Button OMAP3530ECUS Datasheet HTML 78Page - Texas Instruments OMAP3530ECUS Datasheet HTML 79Page - Texas Instruments OMAP3530ECUS Datasheet HTML 80Page - Texas Instruments OMAP3530ECUS Datasheet HTML 81Page - Texas Instruments OMAP3530ECUS Datasheet HTML 82Page - Texas Instruments OMAP3530ECUS Datasheet HTML 83Page - Texas Instruments OMAP3530ECUS Datasheet HTML 84Page - Texas Instruments OMAP3530ECUS Datasheet HTML 85Page - Texas Instruments OMAP3530ECUS Datasheet HTML 86Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 265 page
background image
OMAP3530, OMAP3525
SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013
www.ti.com
Table 2-3. Ball Characteristics (CUS Pkg.) (continued)
BALL
BALL TOP [2] PIN NAME [3] MODE [4]
TYPE [5]
BALL RESET BALL RESET RESET REL.
POWER [9]
HYS [10]
BUFFER
PULLUP
BOTTOM [1]
STATE [6]
REL. STATE
MODE [8]
STRENG TH
/DOWN TYPE
[7]
(mA) [11]
[12]
safe_mode
7
AD17
sys_boot2
0
I
Z
Z
0
vdds
Yes
4
PU/ PD
LVCMOS
gpio_4
4
IO
safe_mode
7
AD18
sys_boot3
0
I
Z
Z
0
vdds
Yes
4
PU/ PD
LVCMOS
gpio_5
4
IO
safe_mode
7
AC17
sys_boot4
0
I
Z
Z
0
vdds
Yes
4
PU/ PD
LVCMOS
mmc2_dir_dat 1
O
2
gpio_6
4
IO
safe_mode
7
AB16
sys_boot5
0
I
Z
Z
0
vdds
Yes
4
PU/ PD
LVCMOS
mmc2_dir_dat 1
O
3
gpio_7
4
IO
safe_mode
7
AA15
sys_boot6
0
I
Z
Z
0
vdds
Yes
4
PU/ PD
LVCMOS
gpio_8
4
IO
safe_mode
7
AD23
sys_off_ mode 0
O
0
L
7
vdds
Yes
4
PU/ PD
LVCMOS
gpio_9
4
IO
safe_mode
7
Y7
sys_clkout1
0
O
L
L
7
vdds
Yes
4
PU/ PD
LVCMOS
gpio_10
4
IO
safe_mode
7
AA6
sys_clkout2
0
O
L
L
7
vdds
Yes
4
PU/ PD
LVCMOS
gpio_186
4
IO
safe_mode
7
AB7
jtag_ntrst
0
I
L
L
0
vdds
Yes
NA
PU/ PD
LVCMOS
AB6
jtag_tck
0
I
L
L
0
vdds
Yes
NA
PU/ PD
LVCMOS
AA7
jtag_rtck
0
O
L
0
0
vdds
Yes
4
PU/ PD
LVCMOS
AA9
jtag_tms_tmsc 0
IO
H
H
0
vdds
Yes
4
PU/ PD
LVCMOS
AB10
jtag_tdi
0
I
H
H
0
vdds
Yes
NA
PU/ PD
LVCMOS
AB9
jtag_tdo
0
O
L
Z
0
vdds
Yes
4
PU/ PD
LVCMOS
AC24
jtag_emu0
0
IO
H
H
0
vdds
Yes
4
PU/ PD
LVCMOS
gpio_11
4
IO
safe_mode
7
AD24
jtag_emu1
0
IO
H
H
0
vdds
Yes
4
PU/ PD
LVCMOS
gpio_31
4
IO
safe_mode
7
AC1
etk_clk
0
O
H
H
4
vdds
Yes
4
PU/ PD
LVCMOS
mcbsp5_ clkx 1
IO
mmc3_clk
2
O
hsusb1_stp
3
O
gpio_12
4
IO
mm1_rxdp
5
IO
hsusb1_tll_stp 6
I
AD3
etk_ctl
0
O
H
H
4
vdds
Yes
4
PU/ PD
LVCMOS
mmc3_cmd
2
IO
hsusb1_clk
3
O
gpio_13
4
IO
hsusb1_tll_clk 6
O
AD6
etk_d0
0
O
H
H
4
vdds
Yes
4
PU/ PD
LVCMOS
mcspi3_ simo 1
IO
82
TERMINAL DESCRIPTION
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: OMAP3530 OMAP3525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More