データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

OMAP3530ECUS データシート(PDF) 37 Page - Texas Instruments

Click here to check the latest version.
部品番号 OMAP3530ECUS
部品情報  OMAP3530 and OMAP3525 Applications Processors
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECUS データシート(HTML) 37 Page - Texas Instruments

Back Button OMAP3530ECUS Datasheet HTML 33Page - Texas Instruments OMAP3530ECUS Datasheet HTML 34Page - Texas Instruments OMAP3530ECUS Datasheet HTML 35Page - Texas Instruments OMAP3530ECUS Datasheet HTML 36Page - Texas Instruments OMAP3530ECUS Datasheet HTML 37Page - Texas Instruments OMAP3530ECUS Datasheet HTML 38Page - Texas Instruments OMAP3530ECUS Datasheet HTML 39Page - Texas Instruments OMAP3530ECUS Datasheet HTML 40Page - Texas Instruments OMAP3530ECUS Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 265 page
background image
OMAP3530, OMAP3525
www.ti.com
SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013
Table 2-1. Ball Characteristics (CBB Pkg.)(1) (continued)
BALL
BALL TOP
PIN NAME
MODE [4]
TYPE [5]
BALL
BALL
RESET REL. POWER [9]
HYS [10]
BUFFER
PULLUP
IO CELL [13]
BOTTOM [1] [2]
[3]
RESET
RESET REL. MODE [8]
STRENG TH /DOWN
STATE [6]
STATE [7]
(mA) [11]
TYPE [12]
safe_mode
7
AF6
NA
mcbsp3_dx
0
IO
L
L
7
vdds
Yes
4
PU/ PD
LVCMOS
uart2_cts
1
I
gpio_140
4
IO
hsusb3_tll_
5
IO
data4
safe_mode
7
AE6
NA
mcbsp3_dr
0
I
L
L
7
vdds
Yes
4
PU/ PD
LVCMOS
uart2_rts
1
O
gpio_141
4
IO
hsusb3_tll_
5
IO
data5
safe_mode
7
AF5
NA
mcbsp3_
0
IO
L
L
7
vdds
Yes
4
PU/ PD
LVCMOS
clkx
uart2_tx
1
O
gpio_142
4
IO
hsusb3_tll_
5
IO
data6
safe_mode
7
AE5
NA
mcbsp3_fsx
0
IO
L
L
7
vdds
Yes
4
PU/ PD
LVCMOS
uart2_rx
1
I
gpio_143
4
IO
hsusb3_tll_
5
IO
data7
safe_mode
7
AB26
NA
uart2_cts
0
I
H
H
7
vdds
Yes
4
PU/ PD
LVCMOS
mcbsp3_dx
1
IO
gpt9_pwm_e 2
IO
vt
gpio_144
4
IO
safe_mode
7
AB25
NA
uart2_rts
0
O
H
H
7
vdds
Yes
4
PU/ PD
LVCMOS
mcbsp3_dr
1
I
gpt10_pwm_ 2
IO
evt
gpio_145
4
IO
safe_mode
7
AA25
NA
uart2_tx
0
O
H
H
7
vdds
Yes
4
PU/ PD
LVCMOS
mcbsp3_
1
IO
clkx
gpt11_pwm
2
IO
_evt
gpio_146
4
IO
safe_mode
7
AD25
NA
uart2_rx
0
I
H
H
7
vdds
Yes
4
PU/ PD
LVCMOS
mcbsp3_fsx
1
IO
gpt8_pwm_e 2
IO
vt
gpio_147
4
IO
safe_mode
7
AA8
NA
uart1_tx
0
O
L
L
7
vdds
Yes
4
PU/ PD
LVCMOS
gpio_148
4
IO
safe_mode
7
AA9
NA
uart1_rts
0
O
L
L
7
vdds
Yes
4
PU/ PD
LVCMOS
gpio_149
4
IO
safe_mode
7
W8
NA
uart1_cts
0
I
L
L
7
vdds
Yes
4
PU/ PD
LVCMOS
Copyright © 2008–2013, Texas Instruments Incorporated
TERMINAL DESCRIPTION
37
Submit Documentation Feedback
Product Folder Links: OMAP3530 OMAP3525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More