データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

N5393D データシート(PDF) 8 Page - Keysight Technologies

部品番号 N5393D
部品情報  PCI Express짰 3.0 (Gen3) Software
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KEYSIGHT [Keysight Technologies]
ホームページ  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

N5393D データシート(HTML) 8 Page - Keysight Technologies

Back Button N5393D Datasheet HTML 4Page - Keysight Technologies N5393D Datasheet HTML 5Page - Keysight Technologies N5393D Datasheet HTML 6Page - Keysight Technologies N5393D Datasheet HTML 7Page - Keysight Technologies N5393D Datasheet HTML 8Page - Keysight Technologies N5393D Datasheet HTML 9Page - Keysight Technologies N5393D Datasheet HTML 10Page - Keysight Technologies N5393D Datasheet HTML 11Page - Keysight Technologies N5393D Datasheet HTML 12Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
08 | Keysight | N5393D PCI Express® 3.0 (Gen3) Software for Infiniium Oscilloscopes - Data Sheet
The PCI Express electrical test software
provides flexibility in your test setup. It
guides you to make connection changes
with hookup diagrams when the tests you
select require it. All PCI Express electrical
compliance tests you perform are based
on the official PCI-SIG approved set of test
fixtures. The compliance fixtures include
the Compliance Base Board (CBB2) for
add-in card testing, and the Compliance
Load Board (CLB2) for motherboard
or system testing. Connection to the
compliance test fixtures is selectable
between SMA/SMP cables or Keysight
InfiniiMax active differential probes.
Configurability and Guided Connections
Figure 6. In configuring the tests, you specify the device to test, its configuration, and how the
oscilloscope is connected.
Figure 7. When you make multiple tests where the connections must
be changed, you are prompted with connection diagrams and/or
photographs.
Figure 8. The PCI-SIG Compliance Base Board (CBB2) for Gen2
add-in card testing, and the Compliance Load Board (CLB2) for Gen2
motherboard or host system testing.
Specify 1 million UI (or
more) for your jitter
measurements
Show the spectral
response of your
reference clock in the
critical 1.5 to 22-MHz
region
Toggle circuit to switch between Gen1
(2.5 GBit/s) and Gen2 (50 GBit/s)
You are prompted to make the appropriate
connections for the set of tests
If more than one test setup connection
is required, you will be notified here



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25