| データシートサーチシステム |
|
LSM6DS33TR データシート(PDF) 67 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LSM6DS33TR データシート(HTML) 67 Page - STMicroelectronics |
|
67 / 77 page ![]() DocID027423 Rev 4 67/77 LSM6DS33 Register description 77 9.57 FREE_FALL (5Dh) Free-fall function duration setting register (r/w). 9.58 MD1_CFG (5Eh) Functions routing on INT1 register (r/w). Table 144. FREE_FALL register FF_DUR4 FF_DUR3 FF_DUR2 FF_DUR1 FF_DUR0 FF_THS2 FF_THS1 FF_THS0 Table 145. FREE_FALL register description FF_DUR[4:0] Free-fall duration event. Default: 0 For the complete configuration of the free fall duration, refer to FF_DUR5 in WAKE_UP_DUR (5Ch) configuration FF_THS[2:0] Free fall threshold setting. Default: 000 For details refer to Table 146. Table 146. Threshold for free-fall function FF_THS[2:0] Threshold value 000 156 mg 001 219 mg 010 250 mg 011 312 mg 100 344 mg 101 406 mg 110 469 mg 111 500 mg Table 147. MD1_CFG register INT1_ INACT_ STATE INT1_ SINGLE_ TAP INT1_WU INT1_FF INT1_ DOUBLE_ TAP INT1_6D INT1_TILT INT1_ TIMER Table 148. MD1_CFG register description INT1_INACT_ STATE Routing on INT1 of inactivity mode. Default: 0 (0: routing on INT1 of inactivity disabled; 1: routing on INT1 of inactivity enabled) INT1_SINGLE_ TAP Single-tap recognition routing on INT1. Default: 0 (0: routing of single-tap event on INT1 disabled; 1: routing of single-tap event on INT1 enabled) INT1_WU Routing of wakeup event on INT1. Default value: 0 (0: routing of wakeup event on INT1 disabled; 1: routing of wakeup event on INT1 enabled) |