| データシートサーチシステム |
|
STM8AF6223 データシート(PDF) 18 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8AF6223 データシート(HTML) 18 Page - STMicroelectronics |
|
18 / 106 page ![]() Product overview STM8AF6213/23/23A/26 18/106 DocID025118 Rev 5 Independent watchdog timer The independent watchdog peripheral can be used to resolve processor malfunctions due to hardware or software failures. It is clocked by the 128 kHz LSI internal RC clock source, and thus stays active even in case of a CPU clock failure. The IWDG time base spans from 60 µs to 1 s 4.8 Auto wakeup counter Used for auto wakeup from active halt mode Clock source: Internal 128 kHz internal low frequency RC oscillator or external clock LSI clock can be internally connected to TIM1 input capture channel 1 for calibration 4.9 Beeper The beeper function outputs a signal on the BEEP pin for sound generation. The signal is in the range of 1, 2 or 4 kHz. The beeper output port is only available through the alternate function remap option bit AFR7. 4.10 TIM1 - 16-bit advanced control timer This is a high-end timer designed for a wide range of control applications. With its complementary outputs, dead-time control and center-aligned PWM capability, the field of applications is extended to motor control, lighting and half-bridge driver. 16-bit up, down and up/down auto-reload counter with 16-bit fractional prescaler. Four independent capture/compare channels (CAPCOM) configurable as input capture, output compare, PWM generation (edge and center aligned mode) and single pulse mode output. Synchronization module to control the timer with external signals or to synchronise with TIM5 or TIM6 Break input to force the timer outputs into a defined state Three complementary outputs with adjustable dead time Encoder mode Interrupt sources: 3 x input capture/output compare, 1 x overflow/update, 1 x break |