データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM8AF6223 データシート(PDF) 44 Page - STMicroelectronics

部品番号 STM8AF6223
部品情報  Automotive 8-bit MCU, with up to 8 Kbyte Flash, data EEPROM, 10-bit ADC, timers, LIN, SPI, IC, 3 to 5.5 V
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AF6223 データシート(HTML) 44 Page - STMicroelectronics

Back Button STM8AF6223 Datasheet HTML 40Page - STMicroelectronics STM8AF6223 Datasheet HTML 41Page - STMicroelectronics STM8AF6223 Datasheet HTML 42Page - STMicroelectronics STM8AF6223 Datasheet HTML 43Page - STMicroelectronics STM8AF6223 Datasheet HTML 44Page - STMicroelectronics STM8AF6223 Datasheet HTML 45Page - STMicroelectronics STM8AF6223 Datasheet HTML 46Page - STMicroelectronics STM8AF6223 Datasheet HTML 47Page - STMicroelectronics STM8AF6223 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 106 page
background image
Memory and register map
STM8AF6213/23/23A/26
44/106
DocID025118 Rev 5
0x00 7F90
DM
DM_BK1RE
DM breakpoint 1 register extended byte
0xFF
0x00 7F91
DM_BK1RH
DM breakpoint 1 register high byte
0xFF
0x00 7F92
DM_BK1RL
DM breakpoint 1 register low byte
0xFF
0x00 7F93
DM_BK2RE
DM breakpoint 2 register extended byte
0xFF
0x00 7F94
DM_BK2RH
DM breakpoint 2 register high byte
0xFF
0x00 7F95
DM_BK2RL
DM breakpoint 2 register low byte
0xFF
0x00 7F96
DM_CR1
DM debug module control register 1
0x00
0x00 7F97
DM_CR2
DM debug module control register 2
0x00
0x00 7F98
DM_CSR1
DM debug module control/status register 1
0x10
0x00 7F99
DM_CSR2
DM debug module control/status register 2
0x00
0x00 7F9A
DM_ENFCTR
DM enable function register
0xFF
0x00 7F9B to
0x00 7F9F
Reserved area (5 byte)
1. Accessible by debug module only
Table 12. CPU/SWIM/debug module/interrupt controller registers (continued)
Address
Block
Register label
Register name
Reset
status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More