| データシートサーチシステム |
|
STM8AF6223 データシート(PDF) 19 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8AF6223 データシート(HTML) 19 Page - STMicroelectronics |
|
19 / 106 page ![]() DocID025118 Rev 5 19/106 STM8AF6213/23/23A/26 Product overview 103 4.11 TIM5 - 16-bit general purpose timer 16-bit autoreload (AR) up-counter 15-bit prescaler adjustable to fixed power of 2 ratios 1…32768 3 individually configurable capture/compare channels PWM mode Interrupt sources: 3 x input capture/output compare, 1 x overflow/update Synchronization module to control the timer with external signals or to synchronize with TIM1 or TIM6 4.12 TIM6 - 8-bit basic timer 8-bit autoreload, adjustable prescaler ratio to any power of 2 from 1 to 128 Clock source: CPU clock Interrupt source: 1 x overflow/update Synchronization module to control the timer with external signals or to synchronize with TIM1 or TIM5. Table 3. TIM timer features Timer Counter size (bits) Prescaler Counting mode CAPCOM channels Complemen tary outputs Ext. trigger Timer synchroniz ation/ chaining TIM1 16 Any integer from 1 to 65536 Up/down 4 3 Yes Yes TIM5 16 Any power of 2 from 1 to 32768 Up 3 0 No TIM6 8 Any power of 2 from 1 to 128 Up 0 0 No |