| データシートサーチシステム |
|
STM32F479II データシート(PDF) 61 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F479II データシート(HTML) 61 Page - STMicroelectronics |
|
61 / 217 page ![]() DocID028010 Rev 3 61/217 STM32F479xx Pinouts and pin description 82 36 58 K7 N6 P10 74 85 P10 PE11 I/O FT - TIM1_CH2, SPI4_NSS, FMC_D8, LCD_G3, EVENTOUT - 37 59 L7 M6 R10 75 86 R10 PE12 I/O FT - TIM1_CH3N, SPI4_SCK, FMC_D9, LCD_B4, EVENTOUT - 38 60 J8 L6 N11 76 87 R12 PE13 I/O FT - TIM1_CH3, SPI4_MISO, FMC_D10, LCD_DE, EVENTOUT - 39 61 K8 J5 P11 77 88 P11 PE14 I/O FT - TIM1_CH4, SPI4_MOSI, FMC_D11, LCD_CLK, EVENTOUT - 40 62 L8 P5 R11 78 89 R11 PE15 I/O FT - TIM1_BKIN, FMC_D12, LCD_R7, EVENTOUT - 41 63 M8 N5 R12 79 90 P12 PB10 I/O FT - TIM2_CH3, I2C2_SCL, SPI2_SCK/I2S2_CK, USART3_TX, QUADSPI_BK1_NCS, OTG_HS_ULPI_D3, ETH_MII_RX_ER, LCD_G4, EVENTOUT - 42 64 N8 K5 R13 80 91 R13 PB11 I/O FT - TIM2_CH4, I2C2_SDA, USART3_RX, OTG_HS_ULPI_D4, ETH_MII_TX_EN/ETH_RMI I_TX_EN, DSIHOST_TE, LCD_G5, EVENTOUT - 43 65 N9 N4 M10 81 92 L11 VCAP1 S - - - - 44 - M9 P4 - - 93 K9 VSS S - - - - 45 66 L9 P3 N10 82 94 L10 VDD S - - - - - - - - - - 95 M14 PJ5 I/O FT - LCD_R6, EVENTOUT - - - - - M11 83 96 P13 PH6 I/O FT - I2C2_SMBA, SPI5_SCK, TIM12_CH1, ETH_MII_RXD2, FMC_SDNE1, DCMI_D8, EVENTOUT - - - - - N12 84 97 N13 PH7 I/O FT - I2C3_SCL, SPI5_MISO, ETH_MII_RXD3, FMC_SDCKE1, DCMI_D9, EVENTOUT - - - H8 M5 - - 98 P14 PH8 I/O FT - I2C3_SDA, FMC_D16, DCMI_HSYNC, LCD_R2, EVENTOUT - - - H9 L5 - - 99 N14 PH9 I/O FT - I2C3_SMBA, TIM12_CH2, FMC_D17, DCMI_D0, LCD_R3, EVENTOUT - Table 10. STM32F479xx pin and ball definitions (continued) Pin number Pin name (function after reset)(1) Alternate functions Additional functions |