データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32F479II データシート(PDF) 15 Page - STMicroelectronics

部品番号 STM32F479II
部品情報  ARMCortex-M4 32b MCUFPU, 225DMIPS, up to 2MB Flash/3844KB RAM, USB OTG HS/FS, Ethernet, FMC, dual Quad-SPI, Crypto, Graphical accelerator, Camera IF, LCD-TFT & MIPI DSI
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F479II データシート(HTML) 15 Page - STMicroelectronics

Back Button STM32F479II Datasheet HTML 11Page - STMicroelectronics STM32F479II Datasheet HTML 12Page - STMicroelectronics STM32F479II Datasheet HTML 13Page - STMicroelectronics STM32F479II Datasheet HTML 14Page - STMicroelectronics STM32F479II Datasheet HTML 15Page - STMicroelectronics STM32F479II Datasheet HTML 16Page - STMicroelectronics STM32F479II Datasheet HTML 17Page - STMicroelectronics STM32F479II Datasheet HTML 18Page - STMicroelectronics STM32F479II Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 217 page
background image
DocID028010 Rev 3
15/217
STM32F479xx
Description
46
1.1
Compatibility throughout the family
STM32F479xx devices are not compatible with other STM32F4xx devices.
Figure 1 and Figure 2 show incompatible board designs, respectively, for LQFP176 and
LQFP208 packages (highlighted pins).
The UFBGA176 and TFBGA216 ballouts are compatible with other STM32F4xx devices,
only few IO port pins are substituted, as shown in Figure 3 and Figure 4.
The LQFP100, LQFP144 and UFBGA169 packages are incompatible with other
STM32F4xx devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More