データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32F479II データシート(PDF) 69 Page - STMicroelectronics

部品番号 STM32F479II
部品情報  ARMCortex-M4 32b MCUFPU, 225DMIPS, up to 2MB Flash/3844KB RAM, USB OTG HS/FS, Ethernet, FMC, dual Quad-SPI, Crypto, Graphical accelerator, Camera IF, LCD-TFT & MIPI DSI
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F479II データシート(HTML) 69 Page - STMicroelectronics

Back Button STM32F479II Datasheet HTML 65Page - STMicroelectronics STM32F479II Datasheet HTML 66Page - STMicroelectronics STM32F479II Datasheet HTML 67Page - STMicroelectronics STM32F479II Datasheet HTML 68Page - STMicroelectronics STM32F479II Datasheet HTML 69Page - STMicroelectronics STM32F479II Datasheet HTML 70Page - STMicroelectronics STM32F479II Datasheet HTML 71Page - STMicroelectronics STM32F479II Datasheet HTML 72Page - STMicroelectronics STM32F479II Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 217 page
background image
DocID028010 Rev 3
69/217
STM32F479xx
Pinouts and pin description
82
6. If the device is delivered in an WLCSP168, UFBGA169, UFBGA176, LQFP176 or TFBGA216 package, and the
BYPASS_REG pin is set to VDD (Regulator OFF/internal reset ON mode), then PA0 is used as an internal Reset (active
low).
7. PI0 and PI1 cannot be used for I2S2 full-duplex mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More