データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

USB2240II-AEZG データシート(PDF) 6 Page - Microchip Technology

部品番号 USB2240II-AEZG
部品情報  Ultra Fast USB 2.0 Multi-Format, SD/MMC, and MS Flash Media Controllers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2240II-AEZG データシート(HTML) 6 Page - Microchip Technology

Back Button USB2240II-AEZG Datasheet HTML 2Page - Microchip Technology USB2240II-AEZG Datasheet HTML 3Page - Microchip Technology USB2240II-AEZG Datasheet HTML 4Page - Microchip Technology USB2240II-AEZG Datasheet HTML 5Page - Microchip Technology USB2240II-AEZG Datasheet HTML 6Page - Microchip Technology USB2240II-AEZG Datasheet HTML 7Page - Microchip Technology USB2240II-AEZG Datasheet HTML 8Page - Microchip Technology USB2240II-AEZG Datasheet HTML 9Page - Microchip Technology USB2240II-AEZG Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
USB224X
DS00001979A-page 6
 2010 - 2015 Microchip Technology Inc.
FIGURE 3-2:
USB2244/44I BLOCK DIAGRAM
FMDU
CTL
8051
PROCESSOR
SFR
RAM
SD/
MMC
RAM
USB
Host
AUTO_CBW
PROC
PHY
FMI
XDATA BRIDGE
+ BUS ARBITER
BUS
INTFC
BUS
INTFC
BUS
INTFC
EP0 TX
EP0 RX
EP2 TX
EP2 RX
EP1 RX
EP1 TX
ROM
64 KB
RAM
10 KB
ADDR
MAP
PWR_FET1
CRD_PWR
Clock
Generation and
Control
4K
total
3.3 V
1.8 V Reg
VDD18
3.3 V
VDD18PLL
PLL
24 MHz
Crystal
SIE
CTL
1.8 V Reg
USB2244/USB2244I
Media
Interface
SPI
Interface
SPI
Interface
Trace FIFO
Program Memory I/O Bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43