| データシートサーチシステム |
|
SST25WF080B データシート(PDF) 8 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
SST25WF080B データシート(HTML) 8 Page - Microchip Technology |
|
8 / 39 page ![]() SST25WF080B DS20005164C-page 8 2014 Microchip Technology Inc. 4.2.4 BLOCK PROTECTION LOCK-DOWN (BPL–BIT 7) When the WP# pin is driven low (VIL), it enables the Block-Protection-Lock-Down (BPL) bit. When BPL is set to ‘1’, it prevents any further alteration of the BP0, BP1, BP2, TB, and BPL bits. When the WP# pin is driven high (VIH), the BPL bit has no effect and its value is ‘Don’t Care’. TABLE 4-3: SOFTWARE STATUS REGISTER BLOCK PROTECTION Protection Level Status Register Bit Protected Memory Address TB BP2 BP1 BP0 0 (Full Memory Array unprotected) X 0 0 0 None T1 (1/16 Top Memory Block protected) 0001 0F0000H-0FFFFFH T2 (1/8 Top Memory Block protected) 0010 0E0000H-0FFFFFH T3 (1/4 Top Memory Block protected) 0011 0C0000H-0FFFFFH T4 (1/2 Top Memory Block protected) 0100 080000H-0FFFFFH B1 (1/16 Bottom Memory Block protected) 1001 000000H-00FFFFH B2 (1/8 Bottom Memory Block protected) 1010 000000H-01FFFFH B3 (1/4 Bottom Memory Block protected) 1011 000000H-03FFFFH B4 (1/2 Bottom Memory Block protected) 1100 000000H-07FFFFH 5 (Full Memory Block protected) X 1 0 1 000000H-0FFFFFH 5 (Full Memory Block protected) X 1 1 X 000000H-0FFFFFH |