データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

USB2244II-AEZG データシート(PDF) 31 Page - Microchip Technology

部品番号 USB2244II-AEZG
部品情報  Ultra Fast USB 2.0 Multi-Format, SD/MMC, and MS Flash Media Controllers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2244II-AEZG データシート(HTML) 31 Page - Microchip Technology

Back Button USB2244II-AEZG Datasheet HTML 27Page - Microchip Technology USB2244II-AEZG Datasheet HTML 28Page - Microchip Technology USB2244II-AEZG Datasheet HTML 29Page - Microchip Technology USB2244II-AEZG Datasheet HTML 30Page - Microchip Technology USB2244II-AEZG Datasheet HTML 31Page - Microchip Technology USB2244II-AEZG Datasheet HTML 32Page - Microchip Technology USB2244II-AEZG Datasheet HTML 33Page - Microchip Technology USB2244II-AEZG Datasheet HTML 34Page - Microchip Technology USB2244II-AEZG Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 43 page
background image
 2010 - 2015 Microchip Technology Inc.
DS00001979A-page 31
USB224X
9.0
DC PARAMETERS
9.1
Maximum Ratings
Note 9-1
Stresses above the specified parameters may cause permanent damage to the device. This is a
stress rating only and functional operation of the device at any condition above those indicated in the
operation sections of this specification is not implied.
Note 9-2
When powering this device from laboratory or system power supplies, it is important that the absolute
maximum ratings not be exceeded or device failure can result. Some power supplies exhibit voltage
spikes on their outputs when the AC power is switched on or off. In addition, voltage transients on
the AC power line may appear on the DC output. When this possibility exists, it is suggested that a
clamp circuit be used.
Parameter
Symbol
MIN
MAX
Units
Comments
Storage
Temperature
TA
-55
150
°C
Lead
Temperature
°C
Please refer to JEDEC
specification J-STD-020D.
3.3 V supply
voltage
VDD33
-0.5
4.0
V
Voltage on
USB+ and USB-
pins
-0.5
(3.3 V supply voltage + 2)
≤ 6V
Voltage on
CRD_PWR
-0.5
VDD33 + 0.3
V
When internal power FET
operation of this pin is enabled,
this pin may be simultaneously
shorted to ground or any voltage
up to 3.63 V indefinitely, without
damage to the device as long as
VDD33 and VDDA33 are less than
3.63 V and TA is less than 70
oC.
Voltage on any
signal pin
-0.5
VDD33 + 0.3
V
Voltage on
XTAL1
-0.5
3.6
V
Voltage on
XTAL2
-0.5
VDD18 + 0.3
V
FIGURE 9-1:
SUPPLY RISE TIME MODEL
t10%
10%
90%
Voltage
tRT
t90%
Time
100%
3.3 V
VSS
VDD33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com