データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IS1871 データシート(PDF) 31 Page - Microchip Technology

部品番号 IS1871
部品情報  Bluetooth짰 Low Energy (BLE) SoC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

IS1871 データシート(HTML) 31 Page - Microchip Technology

Back Button IS1871 Datasheet HTML 27Page - Microchip Technology IS1871 Datasheet HTML 28Page - Microchip Technology IS1871 Datasheet HTML 29Page - Microchip Technology IS1871 Datasheet HTML 30Page - Microchip Technology IS1871 Datasheet HTML 31Page - Microchip Technology IS1871 Datasheet HTML 32Page - Microchip Technology IS1871 Datasheet HTML 33Page - Microchip Technology IS1871 Datasheet HTML 34Page - Microchip Technology IS1871 Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 44 page
background image
 2015-2016 Microchip Technology Inc.
DS60001371C-Page 31
IS1870/71
6.0
ORDERING GUIDE
Table 6-1 provides the ordering information for the
IS1870/71.
TABLE 6-1:
ORDERING GUIDE
Device
Bluetooth Version
Package
Part No.
IS1870 Bluetooth Low Energy SoC, BLE 4.2 compliant 48-Lead QFN, 6x6x0.9 mm3, 0.4 mm pitch
IS1870SF
IS1871 Bluetooth Low Energy SoC, BLE 4.2 compliant 32-Lead QFN, 4x4x0.9 mm3, 0.4 mm pitch
IS1871SF
IS1870SF_IS1871SF.book Page 31 Thursday, March 31, 2016 10:29 AM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44