データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IS1871 データシート(PDF) 15 Page - Microchip Technology

部品番号 IS1871
部品情報  Bluetooth짰 Low Energy (BLE) SoC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

IS1871 データシート(HTML) 15 Page - Microchip Technology

Back Button IS1871 Datasheet HTML 11Page - Microchip Technology IS1871 Datasheet HTML 12Page - Microchip Technology IS1871 Datasheet HTML 13Page - Microchip Technology IS1871 Datasheet HTML 14Page - Microchip Technology IS1871 Datasheet HTML 15Page - Microchip Technology IS1871 Datasheet HTML 16Page - Microchip Technology IS1871 Datasheet HTML 17Page - Microchip Technology IS1871 Datasheet HTML 18Page - Microchip Technology IS1871 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 44 page
background image
 2015-2016 Microchip Technology Inc.
DS60001371C-Page 15
IS1870/71
2.3
Host MCU Interface Over UART
Figure 2-2 illustrates IS1870/71 application block dia-
gram. In the diagram the power supply (3.3V), UART
interface, and GPIO control and indication are listed.
FIGURE 2-2:
IS1870/71 APPLICATION BLOCK DIAGRAM WITH MCU
Note 1:
Ensure BAT_IN (I/O voltage) and MCU VDD voltage are compatible.
2:
The control and indication ports are configurable in UI tool.
3:
Optional GPIO function includes ADC, PWM, I2C and SPI functions.
4:
The GPIO applications of the IS1871 depend on the existing pin out and some of the GPIO pins are not
supported in the IS1871.
IS1870SF_IS1871SF.book Page 15 Thursday, March 31, 2016 10:29 AM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44