データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IS1871 データシート(PDF) 33 Page - Microchip Technology

部品番号 IS1871
部品情報  Bluetooth짰 Low Energy (BLE) SoC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

IS1871 データシート(HTML) 33 Page - Microchip Technology

Back Button IS1871 Datasheet HTML 29Page - Microchip Technology IS1871 Datasheet HTML 30Page - Microchip Technology IS1871 Datasheet HTML 31Page - Microchip Technology IS1871 Datasheet HTML 32Page - Microchip Technology IS1871 Datasheet HTML 33Page - Microchip Technology IS1871 Datasheet HTML 34Page - Microchip Technology IS1871 Datasheet HTML 35Page - Microchip Technology IS1871 Datasheet HTML 36Page - Microchip Technology IS1871 Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 44 page
background image
APPENDIX A:
REFERENCE CIRCUIT
Figure A-1 and Figure A-3 illustrate a typical application circuit of the IS1870
and IS1871.
The application circuit lists the RF matching circuit, PMU power tree, LED
option, test points, and configuration table. The GPIOs can be configured to
general I/O functions or the function of ADC, PTS, PWM, and external
32.768 KHz crystal.
FIGURE A-1:
IS1870 APPLICATION CIRCUIT
Note 1:
The C13, C14, L4, C12, C11, C10, C3, and C4 should be as close to the chip as possible.
2:
The value of the antenna matching component depends on the user’s antenna and PCB layout.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44