| データシートサーチシステム |
|
RJ11-4LC2-R データシート(PDF) 2 Page - TE Connectivity Ltd |
|
|
|||||||||||||||||||||||||||||
RJ11-4LC2-R データシート(HTML) 2 Page - TE Connectivity Ltd |
|
2 / 6 page ![]() 255 Corcom Product Guide 6 Dimensions are in inches and millimeters unless otherwise specified. Values in italics are metric equivalents. Dimensions are shown for reference purposes only. Specifications subject to change. Catalog: 1654001 Issue Date: 06.2011 For email, phone or live chat, please go to te.com/help corcom.com 255 L, LC, LCT and X Series RJ Jack Dimensions RJ11 – No Shield RJ11 – Style 2 Shield RJ11 – Style 1 Shield RJ11 – PC Board Layout 6 4 2 5 3 1 .780 19.81 .195 4.95 .540 13.72 .900 22.86 .800 20.32 .485 12.32 .322 8.18 .165 4.19 .165 4.19 .04 1.02 6 4 2 5 3 1 .620 15.75 .520 13.21 .590 14.99 .195 4.95 .165 4.19 .322 8.19 .395 10.03 .520 13.21 .810 20.57 .040 1.02 0.76 ± .003 1.93 ± .08 0.030 +.008 / -.003 .76 +.20 / - .08 (6 places) .050 1.27 (5 places) .075 1.91 .128 ± .003 3.25 ± .08 (2 holes) Dia. .345 8.76 .210 5.33 .075 1.91 .400 10.16 .322 8.18 .350 8.89 .250 6.35 1 3 5 2 4 6 With shield 6 4 2 5 3 1 .840 21.34 .780 19.81 .195 4.95 .165 4.19 .540 13.72 .485 12.32 .322 8.18 .165 4.19 .900 22.86 .860 21.84 .04 1.02 Part No. RJ11-2L-S RJ11-2L-B RJ11-2X RJ11-4L-S RJ11-4L-B RJ11-4X RJ11-6L-S RJ11-6L-B RJ11-6X Part No. RJ11-2LC2-S RJ11-2LC2-B RJ11-4L2-S RJ11-6L2-B RJ11-4LC2-S RJ11-4LC2-B RJ11-6L2-S RJ11-6LCT2-S RJ11-6LC2-S RJ11-6LC2-B RJ11-4L2-B RJ11-6LCT2-B Part No. RJ11-2LC1-S RJ11-2LC1-B RJ11-4L1-S RJ11-6L1-B RJ11-4LC1-S RJ11-4LC1-B RJ11-6L1-S RJ11-6LCT1-S RJ11-6LC1-S RJ11-6LC1-B RJ11-4L1-B RJ11-6LCT1-B For all RJ11 L, LC, LCT and X Series Models Shown from Component Side Model Dimensions |