データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

RJ11-4LC2-R データシート(PDF) 4 Page - TE Connectivity Ltd

部品番号 RJ11-4LC2-R
部品情報  Low Profile Filtered Modular Jacks
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TEC [TE Connectivity Ltd]
ホームページ  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

RJ11-4LC2-R データシート(HTML) 4 Page - TE Connectivity Ltd

  RJ11-4LC2-R Datasheet HTML 1Page - TE Connectivity Ltd RJ11-4LC2-R Datasheet HTML 2Page - TE Connectivity Ltd RJ11-4LC2-R Datasheet HTML 3Page - TE Connectivity Ltd RJ11-4LC2-R Datasheet HTML 4Page - TE Connectivity Ltd RJ11-4LC2-R Datasheet HTML 5Page - TE Connectivity Ltd RJ11-4LC2-R Datasheet HTML 6Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
257
Corcom Product Guide
Model Dimensions (continued)
6
Dimensions are in inches and millimeters unless otherwise specified. Values in italics
are metric equivalents. Dimensions are shown for reference purposes only.
Specifications subject to change.
Catalog: 1654001
Issue Date: 06.2011
For email, phone or live chat, please go to
te.com/help
corcom.com
257
RJH – No Shield
RJH – PC Board Layout
RJ11 – Low Profile, No Shield
RJ11 Low Profile, Style 3 Shield
.300
7.62
.128±.003
3.25±.08
(2 holes)
1
3
2
4
.322
8.18
.350
8.89
.250
6.35
.075
1.91
.050
1.27
(3 Spaces)
Dia.
Dia.
.030 +.008/-.003
.76 +20/-.08
(4 holes)
.540
13.72
3
1
4
2
.440
11.18
.590
14.99
.195
4.95
.322
8.18
.350
8.89
.250
6.35
.395
10.03
.810
20.57
.04
1.02
6
4
2
5
3
1
.910
23.11
.165
4.19
.135
3.43
.515*
13.08
.010
.25
.120
3.05
.740
18.80
.550
13.97
.217
5.51
.430
10.92
Max.
*to top of shield
6
4
2
5
3
1
.620
15.75
.135
3.43
.710
18.03
.165
4.19
.217
5.51
.400
10.16
.520
13.21
.010
.25
.485
12.32
.520
13.21
Part No.
RJH-4-L-B
Part No.
RJ11-6N-B
RJ11-6Z
Part No.
RJ11-6N3-B
RJ11-6Z3
      
L, LC, LCT and X Series RJ Jack Dimensions (continued)
N and Z Series RJ Jack Dimensions



Html Pages

1 2 3 4 5 6