データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

RJ11-4LC2-R データシート(PDF) 5 Page - TE Connectivity Ltd

部品番号 RJ11-4LC2-R
部品情報  Low Profile Filtered Modular Jacks
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TEC [TE Connectivity Ltd]
ホームページ  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

RJ11-4LC2-R データシート(HTML) 5 Page - TE Connectivity Ltd

  RJ11-4LC2-R Datasheet HTML 1Page - TE Connectivity Ltd RJ11-4LC2-R Datasheet HTML 2Page - TE Connectivity Ltd RJ11-4LC2-R Datasheet HTML 3Page - TE Connectivity Ltd RJ11-4LC2-R Datasheet HTML 4Page - TE Connectivity Ltd RJ11-4LC2-R Datasheet HTML 5Page - TE Connectivity Ltd RJ11-4LC2-R Datasheet HTML 6Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Corcom Product Guide
258
Dimensions are in inches and millimeters unless otherwise specified. Values in italics
are metric equivalents. Dimensions are shown for reference purposes only.
Specifications subject to change.
Catalog: 1654001
Issue Date: 06.2011
For email, phone or live chat, please go to
te.com/help
corcom.com
Model Dimensions (continued)
RJ11 Low Profile, Style 4 Shield
RJ45 – Low Profile, No Shield
RJ11 Low Profile, PC Board Layout
RJ45 – Low Profile, Style 3 Shield
.70
17.78
.60
15.24
.485
12.32
.010
.254
.710
18.03
.165
4.2
.135
3.5
.217
5.51
.40
10.16
.620
15.75
6
4
2
5
3
1
.515*
13.08
.740
18.80
.120
3.05
.010
.25
.217
5.51
.430
10.92
.550
13.97
.135
3.43
.165
4.19
*to top of shield
.99
25.15
7
5
3
1
8
6
4
2
.120
3.05
.740
18.80
.135
3.43
.430
10.92
.217
5.51
.630
16.00
.165
.4.19
.515*
13.08
Max.
*to top of shield
.217
5.51
(5 SPACES)
.030 + .008/- .003 Dia.
Dia.
(6 PLACES)
.120
3.05
.128±.003
3.25±.08
(2 HOLES)
.076±.003
1.93±.08
Dia.
(2 PLACES)
.075
1.91
2
4
6
1
3
5
.350
8.89
.050
1.27
.250
6.35
.76 +.20/-.08
.080
2.03
.400
10.16
Part No.
RJ11-6N4-B
RJ11-6Z4
For all RJ11 N and Z Series Models
Shown from Component Side
Part No.
RJ45-8N-B
RJ45-8N-S
RJ45-8Z
Part No.
RJ45-8N3-B
RJ45-8N3-S
RJ45-8Z3
      
N and Z Series RJ Jack Dimensions (continued)



Html Pages

1 2 3 4 5 6