| データシートサーチシステム |
|
IRMCS2011 データシート(PDF) 22 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
IRMCS2011 データシート(HTML) 22 Page - International Rectifier |
|
22 / 25 page ![]() REFERENCE DESIGN IRMCS2011 This document is the property of International Rectifier and may not be copied or distributed without expressed consent. 21 Row Name Min Max Comment 1 C TsuADDR 10 HP_A to HPnCS or HP_nWE (which ever occurs last) low setup time 2 C TsuData 0 HP_D to HPnCS or HP_nWE (which ever occurs last) low setup time 3 C Tpw_nCSnWE 60 Minimum pulswidth for nCS and nWE 4 C ThData 60 Minimum data hold time from HP_nWE or HPnCS (whichever occurs last) low 5 C ThAddr Minimum address hold time from HP_nWE or HPnCS (whichever occurs last) low 6 D Tacc 0 35 HP_nCS or HP_nOE (whichever occurs last) to Data access time 7 D ThData 0 35 HP_nCS or HP_nOE (whichever occurs last) to Data invalid/Hi- TsuADDR ThAddr TsuData Tpw_nCSnWE ThData Tpw_nCSnWE Tacc ThData HP_A HP_nCS HP_nWE HP_nOE HP_DATA Figure 17. Register Write/Read Timing (Intel) |