データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IRMCS2011 データシート(PDF) 9 Page - International Rectifier

部品番号 IRMCS2011
部品情報  Complete Encoder Based Servo Drive Design Platform iMOTION Development System
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRF [International Rectifier]
ホームページ  http://www.irf.com
Logo IRF - International Rectifier

IRMCS2011 データシート(HTML) 9 Page - International Rectifier

Back Button IRMCS2011 Datasheet HTML 5Page - International Rectifier IRMCS2011 Datasheet HTML 6Page - International Rectifier IRMCS2011 Datasheet HTML 7Page - International Rectifier IRMCS2011 Datasheet HTML 8Page - International Rectifier IRMCS2011 Datasheet HTML 9Page - International Rectifier IRMCS2011 Datasheet HTML 10Page - International Rectifier IRMCS2011 Datasheet HTML 11Page - International Rectifier IRMCS2011 Datasheet HTML 12Page - International Rectifier IRMCS2011 Datasheet HTML 13Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
REFERENCE DESIGN
IRMCS2011
This document is the property of International Rectifier and may not be copied or distributed without expressed consent.
8
3.3 Motor Power Cable
Prepare the motor power cable, which has four wires: U, V, W and E (earth ground). Proper size and length of cable
should be used.
4. Hardware Installation
4.1 Safety Precautions
ATTENTION: Remove and lock out power from the drive before you disconnect or reconnect
wires or perform service. Wait three minutes after removing power to discharge the bus voltage.
Do not attempt to service the drive until bus voltage has discharged to zero. Failure to do so may
result in bodily injury or death.
!
ATTENTION: The drive is intended to be commanded by control input that will start and stop
the motor. A device that routinely disconnects then reapplies input power to the drive for the
purpose of starting and stopping the motor should not be used. Failure to follow this guideline
may result in damage of equipment, and/or bodily injury or death.
!
ATTENTION: Do not connect power factor correction capacitors to drive output terminals U,
V, and W. Failure to do so may result in equipment damage or bodily injury.
!



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25