| データシートサーチシステム |
|
IRMCS2011 データシート(PDF) 23 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
IRMCS2011 データシート(HTML) 23 Page - International Rectifier |
|
23 / 25 page ![]() REFERENCE DESIGN IRMCS2011 This document is the property of International Rectifier and may not be copied or distributed without expressed consent. 22 Row Name Min Max Comment 1 C TsuADDR 10 HP_A to HPnCS low setup time 2 C TsuData 0 HP_D to HPnCS low setup time 3 C Tpw_nCSnWE 60 Minimum pulswidth for nCS 4 C ThData 60 Minimum data hold time from HPnCS low 5 C ThAddr Minimum address hold time from HPnCS low 6 D Tacc 0 35 HP_nCS to Data access time 7 D ThData 0 35 HP_nCS to Data invalid/Hi-Z TsuADDR ThAddr TsuData Tpw_nCSnWE ThData Tpw_nCSnWE Tacc ThData HP_A HP_nCS HP_nWE HP_nOE HP_DATA Figure 18. Register Write/Read Timing (Motorola) |