| データシートサーチシステム |
|
MB91F577CSPMC データシート(PDF) 15 Page - Cypress Semiconductor |
|
|
|||||||||||||||||||||||||||||
MB91F577CSPMC データシート(HTML) 15 Page - Cypress Semiconductor |
|
15 / 163 page ![]() Document Number: 002-04725 Rev.*A Page 15 of 163 MB91570 Series Pin Number Pin Name I/O Circuit Type Function Description 10 P025 H/I4 *1 General-Purpose I/O Port WR1X External Bus Write-Strobe 1 Output pin SEG13 LCDC Segment(Duty)Output pin ICU11_0 Input Capture Input pin ch.11 relocation 0 OCU10_0 Output Compare Output pin ch.10 relocation 0 11 P026 H/I4 *1 General-Purpose I/O Port A00 External Bus Address Output pin SEG14 LCDC Segment(Duty)Output pin SPI_CS3 HS_SPI SSEL3 Output pin (Not supported) SIN6_1 LIN_UART Serial Input pin ch.6 relocation 1 OCU9_0 Output Compare Output pin ch.9 relocation 0 12 P027 H/I4 *1 General-Purpose I/O Port A01 External Bus Address Output pin SEG15 LCDC Segment(Duty)Output pin SPI_CS2 HS_SPI SSEL2 Output pin (Not supported) SOT6_1 LIN_UART Serial Output pin ch.6 relocation 1 OCU8_0 Output Compare Output pin ch.8 relocation 0 13 P030 H/I4 *1 General-Purpose I/O Port A02 External Bus Address Output pin SEG16 LCDC Segment(Duty)Output pin SPI_CS1 HS_SPI SSEL1 Output pin (Not supported) SCK6_1 LIN_UART Serial Clock I/O pin ch.6 relocation 1 14 P031 H/I4 *1 General-Purpose I/O Port A03 External Bus Address Output pin SEG17 LCDC Segment(Duty)Output pin SPI_CS0 HS_SPI SSEL0 I/O pin (Not supported) SIN9_0 Multi-function Serial Input pin ch.9 relocation 0 15 P032 H/I4 *1 General-Purpose I/O Port A04 External Bus Address Output pin SEG18 LCDC Segment(Duty)Output pin SPI_SIO3 HS_SPI SDATA3 I/O pin (Not supported) SOT9_0 Multi-function Serial Output pin ch.9 relocation 0 OCU7_0 Output Compare Output pin ch.7 relocation 0 16 P033 H/I4 *1 General-Purpose I/O Port A05 External Bus Address Output pin SEG19 LCDC Segment(Duty)Output pin SPI_SIO2 HS_SPI SDATA2 I/O pin (Not supported) SCK9_0 Multi-function Serial Clock I/O pin ch.9 relocation 0 OCU6_0 Output Compare Output pin ch.6 relocation 0 |