| データシートサーチシステム |
|
MB91F577CSPMC データシート(PDF) 21 Page - Cypress Semiconductor |
|
|
|||||||||||||||||||||||||||||
MB91F577CSPMC データシート(HTML) 21 Page - Cypress Semiconductor |
|
21 / 163 page ![]() Document Number: 002-04725 Rev.*A Page 21 of 163 MB91570 Series Pin Number Pin Name I/O Circuit Type Function Description 66 P083 K General-Purpose I/O Port PWM2M4 SMC Output pin ch.4 AN27 ADC Analog Input pin ch.27 ICU0_2 Input Capture Input pin ch.0 relocation 2 PPG19_0 PPG Output pin ch.19 relocation 0 67 P084 K General-Purpose I/O Port PWM1P5 SMC Output pin ch.5 AN28 ADC Analog Input pin ch.28 ICU1_2 Input Capture Input pin ch.1 relocation 2 PPG20_0 PPG Output pin ch.20 relocation 0 68 P085 K General-Purpose I/O Port PWM1M5 SMC Output pin ch.5 AN29 ADC Analog Input pin ch.29 ICU2_2 Input Capture Input pin ch.2 relocation 2 PPG21_0 PPG Output pin ch.21 relocation 0 69 P086 K General-Purpose I/O Port PWM2P5 SMC Output pin ch.5 AN30 ADC Analog Input pin ch.30 ICU3_2 Input Capture Input pin ch.3 relocation 2 PPG22_0 PPG Output pin ch.22 relocation 0 70 P087 K General-Purpose I/O Port PWM2M5 SMC Output pin ch.5 AN31 ADC Analog Input pin ch.31 ICU4_2 Input Capture Input pin ch.4 relocation 2 PPG23_0 PPG Output pin ch.23 relocation 0 73 P090 M General-Purpose I/O Port ADTG ADC External Trigger Input pin PPG0_2 PPG Output pin ch.0 relocation 2 74 P100 J General-Purpose I/O Port SIN4_1 LIN_UART Serial Input pin ch.4 relocation 1 AN0 ADC Analog Input pin ch.0 TIN0_1 Reload Timer Event Input pin ch.0 relocation 1 PPG8_0 PPG Output pin ch.8 relocation 0 75 P101 J General-Purpose I/O Port SOT4_1 LIN_UART Serial Output pin ch.4 relocation 1 AN1 ADC Analog Input pin ch.1 TIN1_1 Reload Timer Event Input pin ch.1 relocation 1 PPG9_0 PPG Output pin ch.9 relocation 0 |