データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MB91F577CSPMC データシート(PDF) 20 Page - Cypress Semiconductor

部品番号 MB91F577CSPMC
部品情報  32-bit RISC, load/store architecture, 5-stage pipeline
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CYPRESS [Cypress Semiconductor]
ホームページ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F577CSPMC データシート(HTML) 20 Page - Cypress Semiconductor

Back Button MB91F577CSPMC Datasheet HTML 16Page - Cypress Semiconductor MB91F577CSPMC Datasheet HTML 17Page - Cypress Semiconductor MB91F577CSPMC Datasheet HTML 18Page - Cypress Semiconductor MB91F577CSPMC Datasheet HTML 19Page - Cypress Semiconductor MB91F577CSPMC Datasheet HTML 20Page - Cypress Semiconductor MB91F577CSPMC Datasheet HTML 21Page - Cypress Semiconductor MB91F577CSPMC Datasheet HTML 22Page - Cypress Semiconductor MB91F577CSPMC Datasheet HTML 23Page - Cypress Semiconductor MB91F577CSPMC Datasheet HTML 24Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 163 page
background image
Document Number: 002-04725 Rev.*A
Page 20 of 163
MB91570 Series
Pin
Number
Pin Name
I/O Circuit
Type
Function Description
57
P074
K
General-Purpose I/O Port
PWM1P3
SMC Output pin ch.3
AN20
ADC Analog Input pin ch.20
PPG12_1
PPG Output pin ch.12 relocation 1
ICU9_1
Input Capture Input pin ch.9 relocation 1
SCK8_1
Multi-function Serial Clock I/O pin ch.8 relocation 1
58
P075
K
General-Purpose I/O Port
PWM1M3
SMC Output pin ch.3
AN21
ADC Analog Input pin ch.21
PPG13_1
PPG Output pin ch.13 relocation 1
ICU8_1
Input Capture Input pin ch.8 relocation 1
SIN7_1
LIN_UART Serial Input pin ch.7 relocation 1
59
P076
K
General-Purpose I/O Port
PWM2P3
SMC Output pin ch.3
AN22
ADC Analog Input pin ch.22
PPG14_1
PPG Output pin ch.14 relocation 1
ICU7_1
Input Capture Input pin ch.7 relocation 1
SOT7_1
LIN_UART Serial Output pin ch.7 relocation 1
60
P077
K
General-Purpose I/O Port
PWM2M3
SMC Output pin ch.3
AN23
ADC Analog Input pin ch.23
PPG15_1
PPG Output pin ch.15 relocation 1
ICU6_1
Input Capture Input pin ch.6 relocation 1
SCK7_1
LIN_UART Serial Clock I/O pin ch.7 relocation 1
63
P080
K
General-Purpose I/O Port
PWM1P4
SMC Output pin ch.4
AN24
ADC Analog Input pin ch.24
SIN6_0
LIN_UART Serial Input pin ch.6 relocation 0
PPG16_0
PPG Output pin ch.16 relocation 0
AIN0_2
Up/down Counter AIN Input pin ch.0 relocation 2
64
P081
K
General-Purpose I/O Port
PWM1M4
SMC Output pin ch.4
AN25
ADC Analog Input pin ch.25
SOT6_0
LIN_UART Serial Output pin ch.6 relocation 0
PPG17_0
PPG Output pin ch.17 relocation 0
BIN0_2
Up/down Counter BIN Input pin ch.0 relocation 2
65
P082
K
General-Purpose I/O Port
PWM2P4
SMC Output pin ch.4
AN26
ADC Analog Input pin ch.26
SCK6_0
LIN_UART Serial Clock I/O pin ch.6 relocation 0
PPG18_0
PPG Output pin ch.18 relocation 0
ZIN0_2
Up/down Counter ZIN Input pin ch.0 relocation 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More