データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32F411CE データシート(PDF) 54 Page - STMicroelectronics

部品番号 STM32F411CE
部品情報  ARM® Cortex®-M4 32b MCUFPU, 125 DMIPS, 512KB Flash, 128KB RAM, USB OTG FS, 11 TIMs, 1 ADC, 13 comm. interfaces
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F411CE データシート(HTML) 54 Page - STMicroelectronics

Back Button STM32F411CE Datasheet HTML 50Page - STMicroelectronics STM32F411CE Datasheet HTML 51Page - STMicroelectronics STM32F411CE Datasheet HTML 52Page - STMicroelectronics STM32F411CE Datasheet HTML 53Page - STMicroelectronics STM32F411CE Datasheet HTML 54Page - STMicroelectronics STM32F411CE Datasheet HTML 55Page - STMicroelectronics STM32F411CE Datasheet HTML 56Page - STMicroelectronics STM32F411CE Datasheet HTML 57Page - STMicroelectronics STM32F411CE Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 149 page
background image
Memory mapping
STM32F411xC STM32F411xE
54/149
DocID026289 Rev 6
AHB2
0x5000 0000 - 0x5003 FFFF
USB OTG FS
AHB1
0x4002 6800 - 0x4FFF FFFF
Reserved
0x4002 6400 - 0x4002 67FF
DMA2
0x4002 6000 - 0x4002 63FF
DMA1
0x4002 5000 - 0x4002 4FFF
Reserved
0x4002 3C00 - 0x4002 3FFF
Flash interface register
0x4002 3800 - 0x4002 3BFF
RCC
0x4002 3400 - 0x4002 37FF
Reserved
0x4002 3000 - 0x4002 33FF
CRC
0x4002 2000 - 0x4002 2FFF
Reserved
0x4002 1C00 - 0x4002 1FFF
GPIOH
0x4002 1400 - 0x4002 1BFF
Reserved
0x4002 1000 - 0x4002 13FF
GPIOE
0x4002 0C00 - 0x4002 0FFF
GPIOD
0x4002 0800 - 0x4002 0BFF
GPIOC
0x4002 0400 - 0x4002 07FF
GPIOB
0x4002 0000 - 0x4002 03FF
GPIOA
Table 10. STM32F411xC/xE
register boundary addresses (continued)
Bus
Boundary address
Peripheral



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More