| データシートサーチシステム |
|
STM32F411CE データシート(PDF) 80 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F411CE データシート(HTML) 80 Page - STMicroelectronics |
|
80 / 149 page ![]() Electrical characteristics STM32F411xC STM32F411xE 80/149 DocID026289 Rev 6 APB2 (up to 100 MHz) TIM1 5.71 µA/MHz TIM9 2.86 TIM10 1.79 TIM11 2.02 OTG_FS 23.93 ADC1(4) 2.98 SPI1 1.19 USART1 3.10 USART6 2.86 SDIO 5.95 SPI4 1.31 SYSCFG 0.71 1. Valid if all the DMA streams are activated (please refer to the reference manual RM0383). 2. For N DMA streams activated (up to 8 activated streams, refer to the reference manual RM0383). 3. I2SMOD bit set in SPI_I2SCFGR register, and then the I2SE bit set to enable I2S peripheral. 4. When the ADC is ON (ADON bit set in the ADC_CR2 register), add an additional power consumption of 1.6 mA for the analog part. Table 33. Peripheral current consumption (continued) Peripheral IDD (Typ) Unit |