| データシートサーチシステム |
|
STM32F411CE データシート(PDF) 60 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F411CE データシート(HTML) 60 Page - STMicroelectronics |
|
60 / 149 page ![]() Electrical characteristics STM32F411xC STM32F411xE 60/149 DocID026289 Rev 6 6.1.7 Current consumption measurement Figure 18. Current consumption measurement scheme 6.2 Absolute maximum ratings Stresses above the absolute maximum ratings listed in Table 11: Voltage characteristics, Table 12: Current characteristics, and Table 13: Thermal characteristics may cause permanent damage to the device. These are stress ratings only and functional operation of the device at these conditions is not implied. Exposure to maximum rating conditions for extended periods may affect device reliability. Table 11. Voltage characteristics Symbol Ratings Min Max Unit VDD–VSS External main supply voltage (including VDDA, VDD and VBAT)(1) 1. All main power (VDD, VDDA) and ground (VSS, VSSA) pins must always be connected to the external power supply, in the permitted range. –0.3 4.0 V VIN Input voltage on FT and TC pins(2) 2. VIN maximum value must always be respected. Refer to Table 12 for the values of the maximum allowed injected current. VSS–0.3 VDD+4.0 Input voltage on any other pin VSS–0.3 4.0 Input voltage for BOOT0 VSS 9.0 | ΔVDDx| Variations between different VDD power pins - 50 mV |VSSX −VSS| Variations between all the different ground pins - 50 VESD(HBM) Electrostatic discharge voltage (human body model) see Section 6.3.14: Absolute maximum ratings (electrical sensitivity) |