データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISO8200BQ データシート(PDF) 20 Page - STMicroelectronics

部品番号 ISO8200BQ
部品情報  Galvanic isolated octal high-side smart power solid state-relay
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISO8200BQ データシート(HTML) 20 Page - STMicroelectronics

Back Button ISO8200BQ Datasheet HTML 16Page - STMicroelectronics ISO8200BQ Datasheet HTML 17Page - STMicroelectronics ISO8200BQ Datasheet HTML 18Page - STMicroelectronics ISO8200BQ Datasheet HTML 19Page - STMicroelectronics ISO8200BQ Datasheet HTML 20Page - STMicroelectronics ISO8200BQ Datasheet HTML 21Page - STMicroelectronics ISO8200BQ Datasheet HTML 22Page - STMicroelectronics ISO8200BQ Datasheet HTML 23Page - STMicroelectronics ISO8200BQ Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 37 page
background image
Functional description
ISO8200BQ
20/37
DocID027303 Rev 4
LOAD
SYNC
OUT_EN
Device behavior
Low
Low
High
Should be avoided (DCM operation only)
Notes:
(1)The outputs are turned off on OUT_EN falling edge and they are kept disabled as long as it is low.
Figure 11: Synchronous control mode IC configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37