データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISO8200BQ データシート(PDF) 34 Page - STMicroelectronics

部品番号 ISO8200BQ
部品情報  Galvanic isolated octal high-side smart power solid state-relay
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISO8200BQ データシート(HTML) 34 Page - STMicroelectronics

Back Button ISO8200BQ Datasheet HTML 29Page - STMicroelectronics ISO8200BQ Datasheet HTML 30Page - STMicroelectronics ISO8200BQ Datasheet HTML 31Page - STMicroelectronics ISO8200BQ Datasheet HTML 32Page - STMicroelectronics ISO8200BQ Datasheet HTML 33Page - STMicroelectronics ISO8200BQ Datasheet HTML 34Page - STMicroelectronics ISO8200BQ Datasheet HTML 35Page - STMicroelectronics ISO8200BQ Datasheet HTML 36Page - STMicroelectronics ISO8200BQ Datasheet HTML 37Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 34 / 37 page
background image
TFQFPN32 package information
ISO8200BQ
34/37
DocID027303 Rev 4
Table 15: TFQFPN32 package mechanical data
Dim.
mm
Min.
Typ.
Max.
A
0.95
1.00
1.05
A1
0
0.05
b (1)
0.20
0.25
0.30
b1(1)
0.25
0.30
0.35
D
10.90
11.0
11.10
E(1)
8.90
9.00
9.10
D2
4.30
4.40
4.50
E2
6.70
6.80
6.90
D3
1.40
1.50
1.60
E3
3.20
3.30
3.40
D4
1.13
1.23
1.33
E4
1.00
1.10
1.20
e
0.65
e2
0.40
e3
1.05
e4
3.15
e5
4.85
k
0
0.30
z1
0.80
z2
4.07
z3
3.80
z4
1.10
z5
1.15
z6
2.85
L(1)
0.45
0.50
0.55
Notes:
(1)Dimensions “b” and “L” are measured on terminal plating surface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37