| データシートサーチシステム |
|
LED7708TR データシート(PDF) 46 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LED7708TR データシート(HTML) 46 Page - STMicroelectronics |
|
46 / 53 page ![]() Recommended operating conditions LED7708 46/53 Doc ID 022698 Rev 1 Figure 18. Channels current gain adjust 8.8.2 Continuous status reading The continuous status-reading is a feature that allows the content of the internal registers to be obtained without stopping the brightness data flow. The content of the DEVCFG0, DEVCFG1, CHSEL, CHSTA and GSLAT is automatically loaded into the FIFO after the brightness data has been moved to the buffer. This feature is supported in 1x1256-bit and 1x192-bit data formats only. Figure 19. Continuous reading mode disabled, 1x256-bit data format |