データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LED7708TR データシート(PDF) 48 Page - STMicroelectronics

部品番号 LED7708TR
部品情報  16 channels x 85 mA LED driver with boost controller and 4-wire serial interface
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED7708TR データシート(HTML) 48 Page - STMicroelectronics

Back Button LED7708TR Datasheet HTML 44Page - STMicroelectronics LED7708TR Datasheet HTML 45Page - STMicroelectronics LED7708TR Datasheet HTML 46Page - STMicroelectronics LED7708TR Datasheet HTML 47Page - STMicroelectronics LED7708TR Datasheet HTML 48Page - STMicroelectronics LED7708TR Datasheet HTML 49Page - STMicroelectronics LED7708TR Datasheet HTML 50Page - STMicroelectronics LED7708TR Datasheet HTML 51Page - STMicroelectronics LED7708TR Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 53 page
background image
Package mechanical data
LED7708
48/53
Doc ID 022698 Rev 1
9
Package mechanical data
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK is an ST trademark.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53