データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TNETV1644ZDU6 データシート(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
部品番号 TNETV1644ZDU6
部品情報  Digital Media Processor
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1644ZDU6 データシート(HTML) 39 Page - Texas Instruments

Back Button TNETV1644ZDU6 Datasheet HTML 35Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 36Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 37Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 38Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 39Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 40Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 41Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 42Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 306 page
background image
TMS320DM6437
Digital Media Processor
www.ti.com
SPRS345D – NOVEMBER 2006 – REVISED JUNE 2008
Table 2-12. EMIFA Terminal Functions (EMIFA Pinout Mode 4, AEM[2:0] = 100) (continued)
SIGNAL
TYPE(1)
OTHER(2)(3)
DESCRIPTION
ZWT
ZDU
NAME
NO.
NO.
CI7(CCD15) /
EM_A[13]/
IPD
B10
A12
I/O/Z
AD25/
DVDD33
EM_D[0]/GP[51]
CI6(CCD14) /
EM_A[14]/
IPD
A10
A13
I/O/Z
AD27/
DVDD33
EM_D[1]/GP[50]
CI5(CCD13) /
EM_A[15]/
IPD
B11
C13
I/O/Z
AD29/
DVDD33
EM_D[2]/GP[49]
CI4(CCD12) /
EM_A[16]/
IPD
C11
B13
I/O/Z
These pins are multiplexed between VPFE (CCDC), EMIFA (NAND),
PGNT/
DVDD33
PCI, and GPIO.
EM_D[3]/GP[48]
CI3(CCD11)/
For EMIFA (NAND) AEM[2:0] = 100, these pins are the 8-bit
EM_A[17]/
IPD
bi-directional data bus (EM_D[7:0]).
A11
B14
I/O/Z
AD31/
DVDD33
EM_D[4]/GP[47]
CI2(CCD10)/
EM_A[18]/
IPD
D11
A14
I/O/Z
PRST/
DVDD33
EM_D[5]/GP[46]
CI1(CCD9)/
EM_A[19]/
IPD
B12
C14
I/O/Z
PREQ/
DVDD33
EM_D[6]/GP[45]
CI0(CCD8)/
EM_A[20]/
IPD
C12
C15
I/O/Z
PINTA/
DVDD33
EM_D[7]/GP[44]
Submit Documentation Feedback
Device Overview
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More