| データシートサーチシステム |
|
TNETV1644ZDU6 データシート(PDF) 60 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TNETV1644ZDU6 データシート(HTML) 60 Page - Texas Instruments |
|
60 / 306 page ![]() TMS320DM6437 Digital Media Processor SPRS345D – NOVEMBER 2006 – REVISED JUNE 2008 www.ti.com Table 2-25. High-End Controller Area Network (HECC) SIGNAL TYPE(1) OTHER(2)(3) DESCRIPTION ZWT ZDU NAME NO. NO. HECC HECC_RX/ TINP1L/ IPU This pin is multiplexed between HECC, Timer 1, UART1, and GPIO. L4 P3 I/O/Z URXD1/ DVDD33 For HECC, this pin is HECC receive serial data HECC_RX (I). GP[56] HECC_TX/ TOUT1L/ IPU This pin is multiplexed between HECC, Timer 1, UART1, and GPIO. K4 N3 I/O/Z UTXD1/ DVDD33 For HECC, this pin is HECC transmit serial data HECC_TX (O/Z). GP[55] (1) I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal (2) IPD = Internal pulldown, IPU = Internal pullup. For more detailed information on pullup/pulldown resistors and situations where external pullup/pulldown resistors are required, see Section 3.9.1, Pullup/Pulldown Resistors. (3) Specifies the operating I/O supply voltage for each signal Device Overview 60 Submit Documentation Feedback |