| データシートサーチシステム |
|
TNETV1644ZDU6 データシート(PDF) 46 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TNETV1644ZDU6 データシート(HTML) 46 Page - Texas Instruments |
|
46 / 306 page ![]() TMS320DM6437 Digital Media Processor SPRS345D – NOVEMBER 2006 – REVISED JUNE 2008 www.ti.com Table 2-15. Peripheral Component Interconnect (PCI) Terminal Functions (continued) SIGNAL TYPE(1) OTHER(2)(3) DESCRIPTION ZWT ZDU NAME NO. NO. HCNTL0/MRXER/ IPD B3 B2 I/O/Z AD10/GP[76] DVDD33 HDS2/MRXD0/ IPU C3 C2 I/O/Z AD9/GP[78] DVDD33 HR/W/MRXCLK/ IPD A3 A3 I/O/Z AD8/GP[77] DVDD33 HDS1/MRXD1/ IPU B2 B3 I/O/Z AD7/GP[79] DVDD33 HINT/MRXD3/ IPU C2 D2 I/O/Z AD6/GP[82] DVDD33 These pins are multiplexed between VPFE (CCDC), PCI, EMIFA, HCS/MDCLK/ IPU C1 D1 I/O/Z HPI, VLYNQ, EMAC (MII), and GPIO. AD5/GP[81] DVDD33 For PCI, these pins are PCI data-address bus [31:0] (I/O/Z) IPD AD4/GP[3] E4 F2 I/O/Z DVDD33 HAS/MDIO/ IPU D1 C1 I/O/Z AD3/GP[83] DVDD33 IPD AD2/GP[2] E3 F1 I/O/Z DVDD33 IPD AD1/GP[1] E2 E2 I/O/Z DVDD33 IPD AD0/GP[0] E1 E1 I/O/Z DVDD33 46 Device Overview Submit Documentation Feedback |