| データシートサーチシステム |
|
TNETV1644ZDU6 データシート(PDF) 129 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TNETV1644ZDU6 データシート(HTML) 129 Page - Texas Instruments |
|
129 / 306 page ![]() TMS320DM6437 Digital Media Processor www.ti.com SPRS345D – NOVEMBER 2006 – REVISED JUNE 2008 selecting the settings of PINMUX0 fields VENCSEL, RGBSEL, CS3SEL, CS4SEL, and CS5SEL. d. The Selection Fields columns shows the settings needed to program the PINMUX0 register. After following the procedure in this section to determine pin functions for the EMIFA/VPSS Block, the user should refer to Section 3.7.3.13.7, EMIFA/VPSS Block Pin-By-Pin Multiplexing Summary, for pin-multiplexing information on a pin-by-pin basis. 3.7.3.13.2 EMIFA/VPSS Block Major Configuration Choices Table 3-42 shows the major configuration choices in the EMIFA/VPSS Block. For instructions on how to use the EMIFA/VPSS Block Major Configuration Choices table for the EMIFA/VPSS Block and Sub-Blocks, see Section 3.7.3.13.1. Submit Documentation Feedback Device Configurations 129 |