| データシートサーチシステム |
|
TNETV1644ZDU6 データシート(PDF) 134 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TNETV1644ZDU6 データシート(HTML) 134 Page - Texas Instruments |
|
134 / 306 page ![]() TMS320DM6437 Digital Media Processor SPRS345D – NOVEMBER 2006 – REVISED JUNE 2008 www.ti.com Table 3-44. EMIFA/VPSS Sub-Block 0 Configuration Choice B (continued) MAJOR MINOR PINMUX SELECTION FIELDS RESULTING PERIPHERALS/PINS CONFIG CONFIG PCIEN AEM AEAW OTHERS PCI EMIFA VPFE # GPIO PINS OPTION OPTION 8-bit EMIFA (Async) Pinout 8-to-12-bit Config Summary No PCI mode 1 w/ 0-to-6 GP pins CCDC EM_A[16:0] only 1 = PCLK, CCDCSEL = 1 - - YI[7:0] HVDSEL = 0,1 - 1 = VD, HD 0 = GP[53:52] CWENSEL = 0 0 = EM_R/W - - B B4 0 001 010 0 = EM_A21 CFLDSEL = 0,1 1 = C_FIELD - (not used) - CI10SEL = 0,1 - 1 = CI[1:0] 0 = GP[45:44] CI32SEL = 0,1 - 1 = CI[3:2] 0 = GP[47:46] 0 = CI54SEL = 0 - - EM_A[15:16] 0 = CI76SEL = 0 - - EM_A[13:14] 8-bit EMIFA (Async) Pinout 8-to-10-bit Config Summary No PCI mode 1 w/ 0-to-4 GP pins CCDC EM_A[18:0] only 1 = PCLK, CCDCSEL = 1 - - YI[7:0] HVDSEL = 0,1 - 1 = VD, HD 0 = GP[53:52] CWENSEL = 0 0 = EM_R/W - - B B5 0 001 011 0 = EM_A21 CFLDSEL = 0,1 1 = C_FIELD - (not used) - CI10SEL = 0,1 - 1 = CI[1:0] 0 = GP[45:44] 0 = CI32SEL = 0 - - EM_A[17:18] 0 = CI54SEL = 0 - - EM_A[15:16] 0 = CI76SEL = 0 - - EM_A[13:14] 134 Device Configurations Submit Documentation Feedback |