| データシートサーチシステム |
|
TNETV1644ZDU6 データシート(PDF) 141 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TNETV1644ZDU6 データシート(HTML) 141 Page - Texas Instruments |
|
141 / 306 page ![]() TMS320DM6437 Digital Media Processor www.ti.com SPRS345D – NOVEMBER 2006 – REVISED JUNE 2008 The following is an example of how to read Table 3-43 through Table 3-49 using Sub-Block 0 Minor Configuration B6 as an example: • The PINMUX Selection Fields columns indicate that Sub-Block 0 Minor Configuration Option B6 is selected through setting PINMUX1.PCIEN = 0, PINMUX0.AEM = 1, PINMUX0.AEAW = 4, CCDCSEL = 1, HVDSEL = 0 or 1 (based on the system’s need for VPFE control signals VD and HD), CWENSEL = 0 (mandatory setting), CFLDSEL = 0 or 1 (based on the system’s need for VPFE control signal C_FIELD), CI10SEL = 0 (mandatory), CI32SEL = 0 (mandatory), CI54SEL = 0 (mandatory), and CI76SEL = 0 (mandatory). • The Resulting Peripherals/Pins columns show the functional pins resulting from the PINMUX setting. For example, PINMUX0.CCDCSEL = 1 gives the user the PCLK and YI[7:0] pins for the VPFE. PINMUX0.HVDSEL = 1 gives the user VD and HD pins for VPFE, while HVDSEL = 0 gives the user 2 GP pins. Submit Documentation Feedback Device Configurations 141 |